전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IF140 데이터시트(PDF) 1 Page - InterFET Corporation

부품명 IF140
상세설명  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERFET [InterFET Corporation]
홈페이지  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IF140 데이터시트(HTML) 1 Page - InterFET Corporation

  IF140 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-28
01/99
IF140, IF140A
N-Channel Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain
Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 20 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
375 mW
Power Derating
3 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
At 25°C free air temperature:
IF140
IF140A
Process NJ14AL
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
– 20
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
nA
VGS = – 15V, VDS = ØV
– 0.2
– 0.2
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 6
– 6
V
VDS = 15V, ID = 5 nA
Gate Source Voltage
VGS
– 5
– 2.5
– 6
V
VDS = 15V, ID = 50 µA
Gate Source Forward Voltage
VGS(F)
11
V
VDS = Ø, IG = 1 mA
Drain Saturation Current (Pulsed)
IDSS
515515
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward Transmittance Yfs
4.5
4.5
mS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Output Conductance
Yos
0.05
0.05
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
33
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
0.6
0.6
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Typ
Typ
Equivalent Short Circuit
¯eN
44
nV/
√Hz
VDS = 12V, VGS = ØV
f = 10 Hz
Input Noise Voltage
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-28


유사한 부품 번호 - IF140

제조업체부품명데이터시트상세설명
logo
InterFET Corporation
IF142 INTERFET-IF142 Datasheet
63Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results

유사한 설명 - IF140

제조업체부품명데이터시트상세설명
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com