전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FN15380 데이터시트(PDF) 4 Page - Ledil, Inc.

부품명 FN15380
상세설명  Asymmetric beam for wall washing with holder A compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15380 데이터시트(HTML) 4 Page - Ledil, Inc.

  FN15380 Datasheet HTML 1Page - Ledil, Inc. FN15380 Datasheet HTML 2Page - Ledil, Inc. FN15380 Datasheet HTML 3Page - Ledil, Inc. FN15380 Datasheet HTML 4Page - Ledil, Inc. FN15380 Datasheet HTML 5Page - Ledil, Inc. FN15380 Datasheet HTML 6Page - Ledil, Inc. FN15380 Datasheet HTML 7Page - Ledil, Inc. FN15380 Datasheet HTML 8Page - Ledil, Inc. FN15380 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRODUCT
DATASHEET
FN15380_RONDA-WAS
PHOTOMETRIC DATA (MEASURED):
LED
V10 Gen7
FWHM
Asymmetric
Efficiency
88 %
Peak intensity
1.000 cd/lm
Required components:
C13658_CLAMP-VERO13-18
Bender Wirth: 434 Typ L1
LED
V13 Gen7
FWHM
Asymmetric
Efficiency
84 %
Peak intensity
0.620 cd/lm
Required components:
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
VERO13
FWHM
Asymmetric
Efficiency
89 %
Peak intensity
0.680 cd/lm
Required components:
C13658_CLAMP-VERO13-18
LED
CMA1840
FWHM
Asymmetric
Efficiency
89 %
Peak intensity
0.640 cd/lm
Required components:
C14123_CLAMP-CXA15-18
Last update: 25/05/2018
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com