| 전자부품 데이터시트 검색엔진 |
|
MA730 데이터시트(PDF) 11 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MA730 데이터시트(HTML) 11 Page - Monolithic Power Systems |
|
11 / 17 page ![]() EVKT-MACOM – MAGALPHA COMMUNICATION KIT EVKT-MACOM www.MonolithicPower.com 11 3/15/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2017 MPS. All Rights Reserved. 4. Connect Daughter Board To The Sensor Board (EVKT-KNOB or TBMA) Use the provided ribbon cable to connect the connector board to the sensor board. The EVKT-KNOB comes with a pre-soldered female socket connector, while TBMA boards do not. The TBMA boards require the female connectors to be hand soldered in order to be used with the EVKT- MACOM. Before soldering, place the connector polarization slot next to pin 1 (see Figure 15). Figure 15: Solder Connectors CN1 and CN2 to TBMA On the TBMA boards (RD and LT), the CN1 connector must be connected to the TBMA-CONN CN1 connector using one of the two provided ribbon cable with 8 conductors (see Figure 16 and Figure 17). The CN2 connection is not required for SPI communication but provides easy access to the MagAlpha output signals on the LPC-Link2 daughter board. Figure 16: Connect TBMA-RD to TBMA-CONN Board Figure 17: Connect TBMA-LT to TBMA-CONN Board CN1 CN2 TBMA-Q-RD TBMA-CONN CN1 CN2 CN1 CN2 TBMA-Q-RD TBMA-CONN CN1 CN2 CN1 CN2 |