전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KW-DCLMS1.PC 데이터시트(PDF) 12 Page - OSRAM GmbH

부품명 KW-DCLMS1.PC
상세설명  white SMT package, colored silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DCLMS1.PC 데이터시트(HTML) 12 Page - OSRAM GmbH

Back Button KW-DCLMS1.PC Datasheet HTML 8Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 9Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 10Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 11Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 12Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 13Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 14Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 15Page - OSRAM GmbH KW-DCLMS1.PC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2015-01-19
12
Version 1.1
KW DCLMS1.PC
Chromaticity Coordinate Shift 6) page 24
Farbortverschiebung 6) Seite 24
ΔCx, ΔCy = f(IF); TS = 25 °C
K W DC LMS 1.P C (8000K )
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆
C x
∆
C y
: ∆C x
: ∆C y
8.000K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com