전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4281 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4281
상세설명  Emissionswellenl채nge 880nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4281 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4281 Datasheet HTML 1Page - OSRAM GmbH SFH-4281 Datasheet HTML 2Page - OSRAM GmbH SFH-4281 Datasheet HTML 3Page - OSRAM GmbH SFH-4281 Datasheet HTML 4Page - OSRAM GmbH SFH-4281 Datasheet HTML 5Page - OSRAM GmbH SFH-4281 Datasheet HTML 6Page - OSRAM GmbH SFH-4281 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 4281
Infrarot-LED
Infrared-LED
2003-03-27
1
Wesentliche Merkmale
• Emissionswellenlänge 880nm
• Homogene Abstrahlcharakteristik
• IR Reflow und TTW Löten geeignet
• Feuchte-Empfindlichkeitsstufe 2 nach JEDEC
Standard J-STD-020A
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Automobiltechnik
• Sensorik
• Alarm- und Sicherungssysteme
• IR-Freiraumübertragung
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant intensity grouping
1), I
e (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
-P
-Q
SFH 4281
Q62702P5000
4 ... 8
6.3 ... 12.5
Features
• Typical peak wavelength 880nm
• Homogeneous Radiation Pattern
• Suitable for IR reflow and TTW soldering
• Moisture Sensitivity Level 2 according to
JEDEC Standard J-STD-020A
Applications
• Miniature photointerrupters
• Industrial electronics
• For drive and control circuits
• Automotive technology
• Sensor technology
• Alarm and safety equipment
• IR free air transmission


유사한 부품 번호 - SFH-4281

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4283 OSRAM-SFH-4283 Datasheet
136Kb / 9P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use
SFH-4289 OSRAM-SFH-4289 Datasheet
65Kb / 6P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use mit Linse
More results

유사한 설명 - SFH-4281

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTD8000N4T MARKTECH-MTD8000N4T Datasheet
736Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600NT MARKTECH-MTD8600NT Datasheet
680Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600T4T MARKTECH-MTD8600T4T Datasheet
784Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE8800M3A MARKTECH-MTE8800M3A Datasheet
630Kb / 4P
Peak Emission Wavelength: 880nm
MTE8800PT MARKTECH-MTE8800PT Datasheet
598Kb / 4P
Peak Emission Wavelength: 880nm
MTD8000N4-T MARKTECH-MTD8000N4-T Datasheet
736Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600N4-T MARKTECH-MTD8600N4-T Datasheet
749Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600T4-T MARKTECH-MTD8600T4-T Datasheet
784Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
Peak Emission Wavelength: 880nm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com