| 전자부품 데이터시트 검색엔진 |
|
SFH-4511 데이터시트(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH-4511 데이터시트(HTML) 1 Page - OSRAM GmbH |
|
1 / 8 page ![]() SFH 4511 GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant 2008-08-18 1 Wesentliche Merkmale • GaAs-LED mit sehr hohem Wirkungsgrad • 5mm Kunststoffgehäuse • Peakwellenlänge 950 nm • Sehr enger Abstrahlwinkel ( ± 4°) • Hohe Strahlstärke • Hohe Zuverlässigkeit Anwendungen • IR-Fernsteuerung von Fernseh- und Rundfunkgeräten, Videorecordern, Lichtdimmern • Gerätefernsteuerungen für Gleich- und Wechsellichtbetrieb • Sensorik • Diskrete Lichtschranken Typ Type Bestellnummer Ordering Code Strahlstärkegruppierung 1) (I F = 100 mA, tp = 20 ms) Radiant Intensity Grouping 1) I e (mW/sr) 1) gemessen bei einem Raumwinkel Ω = 0.001 sr / measured at a solid angle of Ω = 0.001 sr SFH 4511 Q62702Q5557 > 63 (typ. 150) Features • Very highly efficient GaAs-LED • 5mm plastic package • Peak Wavelength 950 nm • Very narrow radiation Angle ( ± 4 Deg.) • High radiant intensity • High reliability Applications • IR remote control of hi-fi and TV-sets, video tape recorders, dimmers • Remote control for steady and varying intensity • Sensor technology • Discrete interrupters |
유사한 부품 번호 - SFH-4511 |
|
유사한 설명 - SFH-4511 |
|
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |