전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S5D 데이터시트(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

부품명 S5D
상세설명  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
홈페이지  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

S5D 데이터시트(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  S5D Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. S5D Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
TEMPERATURE C
O
Fig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS PER ELEMENT
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
T =125 C
C
O
T=25 C
A
O
NO.OFCYCLESAT60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
Fig. 5- TYPICL JUNCTION CAPACITANCE PER ELEMENT
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
6.0
4.0
2.0
0
0
50
100
150
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
10
1.0
0.1
100
0
20
40
60
80
100
120
140
100
80
60
40
20
0
1
2
6
10
20
40
60
100
100
50
10
5.0
1
5
10
50
100
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315 X 0.315" ( 8.0 X 8.0mm )
COPPER PAD AREAS
1.4



Html Pages

1 2