| 전자부품 데이터시트 검색엔진 |
|
SFH-7773 데이터시트(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH-7773 데이터시트(HTML) 1 Page - OSRAM GmbH |
|
1 / 24 page ![]() SFH 7773 Umgebungslicht- und Näherungssensor mit IR Emitter Ambient Light and Proximity Sensor with Integrated IR Emitter Lead (Pb) Free Product - RoHS Compliant 2013-03-01 1 Preliminary datasheet Wesentliche Merkmale • Näherungssensor- Detektionsbereich bis 150mm - 850nm Emitter, im Gehäuse integriert - Umgebungslicht-unempfindlich • Umgebungslichtsensor - 0.03lx - 65000lx - Gute Linearität - Spektrale Empfindlichkeit ähnlich dem menschlichen Auge •I2C interface - 100kHz / 400kHz und 3.4MHz Mode - verschiedene Messmoden programmierbar (Standby, Triggered, Free-running) - I²C-Adresse: 0111 000X •typ 2 μA Stromverbrauch im Standby Mode Anwendungen • Mobiltelefone • PDAs und Notebooks • Kameras • Consumer-Produkte Typ Type Bestellnummer Ordering Code SFH 7773 Q65111A1258 Features • Proximity sensor (PS) - Detection-range up to 150mm - 850nm IR emitter integrated in package - Insensitive to ambient light • Ambient light sensor (ALS) - 0.03lx - 65000lx - High linearity - Srel well matched to the human eye •I2C interface - 100kHz / 400kHz and 3.4MHz mode - Measurement modes programmable (Standby, Triggered, Free-running) - I²C slave address: 0111 000X • Current consumption typ. 2 μA in Standby mode Applications • Mobile phones • PDAs and notebooks • Cameras • Consumer products |
유사한 부품 번호 - SFH-7773 |
|
유사한 설명 - SFH-7773 |
|
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |