전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA5024 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 HA5024
상세설명  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button HA5024 Datasheet HTML 7Page - Renesas Technology Corp HA5024 Datasheet HTML 8Page - Renesas Technology Corp HA5024 Datasheet HTML 9Page - Renesas Technology Corp HA5024 Datasheet HTML 10Page - Renesas Technology Corp HA5024 Datasheet HTML 11Page - Renesas Technology Corp HA5024 Datasheet HTML 12Page - Renesas Technology Corp HA5024 Datasheet HTML 13Page - Renesas Technology Corp HA5024 Datasheet HTML 14Page - Renesas Technology Corp HA5024 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 11 of 17
February 8, 2006
FIGURE 13. PHASE RESPONSE AS A FUNCTION OF
FREQUENCY
FIGURE 14. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 15. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 16. BANDWIDTH AND GAIN PEAKING vs LOAD
RESISTANCE
FIGURE 17. BANDWIDTH vs FEEDBACK RESISTANCE
FIGURE 18. SMALL SIGNAL OVERSHOOT vs LOAD
RESISTANCE
Typical Performance Curves
VSUPPLY = 5V, AV = +1, RF = 1k RL = 400 TA = 25°C,
Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
2
10
100
200
0
-45
-90
-135
-100
-225
-270
-315
-360
180
135
90
0
-45
-90
-135
45
-180
VOUT = 0.2VP-P
CL = 10pF
AV = +10, RF = 383
AV = -10, RF = 750
AV = -1, RF = 750
AV = +1, RF = 1k
FEEDBACK RESISTOR (
)
500
700
900
1100
1300
1500
140
130
120
10
5
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1
FEEDBACK RESISTOR (
)
100
95
90
0
350
500
650
800
950
1100
-3dB BANDWIDTH
GAIN PEAKING
VOUT = 0.2VP-P
CL = 10pF
AV = +2
5
10
LOAD RESISTOR (
)
130
120
110
100
90
80
0
200
400
600
800
1000
6
4
2
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1
80
60
40
20
0
200
350
500
650
800
950
FEEDBACK RESISTOR (
)
VOUT = 0.2VP-P
CL = 10pF
AV = +10
LOAD RESISTANCE (
)
0
200
400
600
800
1000
16
6
0
VOUT = 0.1VP-P
CL = 10pF
VSUPPLY = 5V, AV = +2
VSUPPLY = 15V, AV = +1
VSUPPLY = 5V, AV = +1
VSUPPLY = 15V, AV = +2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com