| 전자부품 데이터시트 검색엔진 |
|
AN671 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN671 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Prevention of Data Corruption in ST6 On-Chip EEPROM C. PILON INTRODUCTION The ST6 Microcontroller has been designed to avoid any potential corruption of data programmed into its on-chip EEPROM (when available). Data integrity can be ensured as long as the application designer follows the guidelines provided in this note. In general, EEPROM data corruption occurs whenever the reset signal is not controlled when the power supply goes up or down. This is particularly true with a slow ramp-up and/or slow fall time of the power supply, since the device may be in a supply voltage area where the device functionality is not guaranteed for a long time. If no special care is taken during the power up sequence regarding the reset signal then the microcontroller core may start writing into the EEPROM. The same behaviour may occur upon a power down. Two complementary solutions are possible to prevent from these unwanted actions, a software solution and a hardware solution. 1 SOFTWARE SOLUTION This solution only applies to the power down sequence which represents the majority of data corruption risks. The solution consists in disabling the enable bit of the EEPROM control register after writing into the EEPROM and before switching ”off” the application; this avoids any spurious writing as described above. Note that this bit is automatically reset upon power on, thus the reason why most cases of data corruption can occur at power down, as the enable bit may have been modified by the user software. AN671 / 02,94 APPLICATION NOTE |
유사한 부품 번호 - AN671 |
|
유사한 설명 - AN671 |
|
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |