전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-E65B 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LS-E65B
상세설명  white PLCC-4 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E65B 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LS-E65B Datasheet HTML 6Page - OSRAM GmbH LS-E65B Datasheet HTML 7Page - OSRAM GmbH LS-E65B Datasheet HTML 8Page - OSRAM GmbH LS-E65B Datasheet HTML 9Page - OSRAM GmbH LS-E65B Datasheet HTML 10Page - OSRAM GmbH LS-E65B Datasheet HTML 11Page - OSRAM GmbH LS-E65B Datasheet HTML 12Page - OSRAM GmbH LS-E65B Datasheet HTML 13Page - OSRAM GmbH LS-E65B Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2016-02-08
10
Version 1.2
LS E65B
Package Outline 9) page 19
Maßzeichnung 9) Seite 19
Approximate Weight:
38 mg
Gewicht:
38 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336
h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
3.5 (0.138) max.
0.13 (0.005)
0.18 (0.007)
0.1 (0.004) typ
marking
Package
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
GPLY7000
0.4 (0.016)
0.6 (0.024)
0.9 (0.035)
0.7 (0.028)
1.7 (0.067)
2.1 (0.083)
0.6 (0.024)
0.8 (0.031)
A
C
C
C
C
C
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com