전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F14534 데이터시트(PDF) 8 Page - Ledil, Inc.

부품명 F14534
상세설명  ~60째 wide beam
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14534 데이터시트(HTML) 8 Page - Ledil, Inc.

Back Button F14534 Datasheet HTML 4Page - Ledil, Inc. F14534 Datasheet HTML 5Page - Ledil, Inc. F14534 Datasheet HTML 6Page - Ledil, Inc. F14534 Datasheet HTML 7Page - Ledil, Inc. F14534 Datasheet HTML 8Page - Ledil, Inc. F14534 Datasheet HTML 9Page - Ledil, Inc. F14534 Datasheet HTML 10Page - Ledil, Inc. F14534 Datasheet HTML 11Page - Ledil, Inc. F14534 Datasheet HTML 12Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRODUCT
DATASHEET
F14534_ANGELETTE-WW
PHOTOMETRIC DATA (MEASURED):
LED
CXA/B 30xx
FWHM
66.0°
Efficiency
90 %
Peak intensity
0.900 cd/lm
Required components:
C14036_CLAMP_CXA25-30
LED
CXA/B 30xx
FWHM
67.0°
Efficiency
86 %
Peak intensity
0.800 cd/lm
Required components:
C14036_CLAMP_CXA25-30
F13671_ANGE-RZ-LENS
LED
LUXEON CoB 1204/1205
FWHM
58.0°
Efficiency
86 %
Peak intensity
1.100 cd/lm
Required components:
F15176_ANGELETTE-LENS
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
LUXEON CoB 1204/1205
FWHM
59.0°
Efficiency
86 %
Peak intensity
1.000 cd/lm
Required components:
F15412_ANGELETTE-DL
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Last update: 08/02/2017
Subject to change without prior notice
8/18
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com