| 전자부품 데이터시트 검색엔진 |
|
TLE4307 데이터시트(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4307 데이터시트(HTML) 6 Page - Infineon Technologies AG |
|
6 / 10 page ![]() TLE 4307 Data Sheet Rev. 1.1 6 2000-10-11 ESD All pins to GND V ESD – 2 2 kV HBM Model Operating Range Input voltage V I 0 V ICL V – Output current I I 0 600 mA – Junction temperature T j – 40 150 °C – Absolute Maximum Ratings (cont’d) Parameter Symbol Limit Values Unit Notes min. max. |