전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4082IBZ 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 4082IBZ
상세설명  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4082IBZ 데이터시트(HTML) 2 Page - Renesas Technology Corp

  4082IBZ Datasheet HTML 1Page - Renesas Technology Corp 4082IBZ Datasheet HTML 2Page - Renesas Technology Corp 4082IBZ Datasheet HTML 3Page - Renesas Technology Corp 4082IBZ Datasheet HTML 4Page - Renesas Technology Corp 4082IBZ Datasheet HTML 5Page - Renesas Technology Corp 4082IBZ Datasheet HTML 6Page - Renesas Technology Corp 4082IBZ Datasheet HTML 7Page - Renesas Technology Corp 4082IBZ Datasheet HTML 8Page - Renesas Technology Corp 4082IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HIP4082
FN3676 Rev 5.00
Page 2 of 14
September 30, 2015
HIP4082
Pinout
HIP4082
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP4082IB*
HIP4082IB
-55 to +125
16 Ld SOIC (N)
M16.15
HIP4082IBZ*
(Note)
4082IBZ
-55 to +125
16 Ld SOIC (N) (Pb-free)
M16.15
HIP4082IP (No longer avail-
able, recommended replace-
ment: HIP4082IPZ)
HIP4082IP
-55 to +125
16 Ld PDIP
E16.3
HIP4082IPZ (Note)
HIP4082IPZ
-55 to +125
16 Ld PDIP** (Pb-free)
E16.3
*Add “T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
BHB
BHI
BLI
ALI
DEL
VSS
DIS
AHI
BHO
BLO
ALO
VDD
AHS
AHO
AHB
BHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14