전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AC104X-DS00-R 데이터시트(PDF) 25 Page - Broadcom Corporation.

부품명 AC104X-DS00-R
상세설명  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R 데이터시트(HTML) 25 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 17
Table 11:
Registers 8-31
Register
Description
Default
8-15
Reserved
XXXX
16
BT and Interrupt Level Control Register
1000
17
Interrupt Control/Status Register
0000
18,19
Reserved
XXXX
20
Cable measurement Capability Register
XXXX
21
Receive Error Counter Register
0000
22-31
Reserved
XXXX
Table 12:
Register 0: Control
Bit
Name
Description
Mode
Default
0.15
Reset
1 = PHY reset.
This bit is self-clearing.
RW/SC
0
0.14
Loopback
1 = Enable loopback mode. This loopbacks the TXD to RXD and
ignores all the activity on the cable media.
0 = Normal operation.
RW
0
0.13
Speed
Select
1 = 100 Mbps 0 = 10 Mbps.
AutoNeg enabled: This bit is writable but will be ignored.
RW
Set by
FORC100 pin
0.12
ANeg
Enable
1 = Enable Auto-Negotiate process (overrides 0.13 and 0.8)
0 = Disable Auto-Negotiate process. Mode selection is controlled
via bit 0.8, 0.13 or through the mode pins.
RW
Set by
ANEGA
0.11
Power
Down
1 = Power down. All blocks except for SMI turns off. Setting
PWRDN pin to high achieves the same result.
0 = Normal operation.
RW
0
0.10
Isolate
1 = Electrically isolate the PHY from MII. PHY is still able to
response to SMI.
0 = Normal operation.
RW
0.9
Restart
ANeg
1 = Restart Auto-Negotiation process.
0 = Normal operation.
RW/SC
0
0.8
Duplex
Mode
1 = Full-duplex.
0 = Half-duplex.
AutoNeg enabled: This bit is writable but will be ignored.
The default value is 0 if auto-negotiation is enabled via pin ANEGA.
RW
Set by DPLX
and ANEGA
pin
0.7
Collision
Test
1 = Enable collision test, which issues the COL signal in response
to the assertion of TX_EN signal. Collision test is disabled if PCSBP
pin is high. Collision test is enabled regardless of the duplex mode.
0 = Disable COL test.
RW
0
0.[6:0]
Reserved
RW
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com