전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9105 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 ISL9105
상세설명  600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9105 데이터시트(HTML) 3 Page - Renesas Technology Corp

  ISL9105 Datasheet HTML 1Page - Renesas Technology Corp ISL9105 Datasheet HTML 2Page - Renesas Technology Corp ISL9105 Datasheet HTML 3Page - Renesas Technology Corp ISL9105 Datasheet HTML 4Page - Renesas Technology Corp ISL9105 Datasheet HTML 5Page - Renesas Technology Corp ISL9105 Datasheet HTML 6Page - Renesas Technology Corp ISL9105 Datasheet HTML 7Page - Renesas Technology Corp ISL9105 Datasheet HTML 8Page - Renesas Technology Corp ISL9105 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL9105
FN6415 Rev 2.00
Page 3 of 11
March 28, 2008
Pin Descriptions
VIN
Input supply voltage. Connect a 10µF ceramic capacitor to
power ground.
EN
Regulator enable pin. Enable the output when driven to high.
Shutdown the chip and discharge the output capacitor when
driven to low. Do not leave this pin floating.
POR
216ms timer output. At power-up or EN HI, this output is a
216ms delayed Power-Good signal for the output voltage.
This output can be reset by a low RSI signal. 216ms starts
when RSI goes to high.
MODE
Mode Selection pin. Connect to logic high or input voltage
VIN for low IQ mode; connect to logic low or ground for
forced PWM mode. Do not leave this pin floating.
PHASE
Switching node connection. Connect to one terminal of
inductor.
GND
System ground.
FB
Buck regulator output feedback. Connect to the output
through a voltage divider resistor.
RSI
This input resets the 216ms timer. When the output voltage is
within the PGOOD window, an internal timer is started and
generates a POR signal 216ms later when RSI is low. A high
RSI resets POR and RSI high to low transition restarts the
internal counter if the output voltage is within the window,
otherwise the counter is reset by the output voltage condition.
Exposed Pad
The exposed pad must be connected to the GND pin for
proper electrical performance. The exposed pad must also
be connected to as much as possible for optimal thermal
performance.
POR
Output Low Voltage
Sinking 1mA, FB = 0.7V
-
-
0.3
V
Delay Time
150
216
275
ms
POR Pin Leakage Current
POR = VIN = 3.6V
-
0.01
0.1
µA
Minimum Supply Voltage for Valid POR Signal
1.2
-
-
V
Internal PGOOD Low Rising Threshold
Percentage of nominal regulation voltage
89.5
92
94.5
%
Internal PGOOD Low Falling Threshold
Percentage of nominal regulation voltage
85
88
91
%
Internal PGOOD High Rising Threshold
Percentage of nominal regulation voltage
105.5
108
110.5
%
Internal PGOOD High Falling Threshold
Percentage of nominal regulation voltage
102
105
108
%
Internal PGOOD Delay Time
-64
-
µs
EN, MODE, RSI
Logic Input Low
--
0.4
V
Logic Input High
1.4
-
-
V
Logic Input Leakage Current
Pulled up to 5.5V
-
0.1
1
µA
Thermal Shutdown
-
150
-
°C
Thermal Shutdown Hysteresis
-25
-
°C
Electrical Specifications
Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions and the
typical specifications are measured at the following conditions: TA = +25°C, VIN = 3.6V, EN = VIN, RSI = MODE =
0V, L = 3.3µH, C1 = 10µF, C2 = 10µF, IOUT = 0A (see “TYPICAL APPLICATION DIAGRAM” on page 6).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com