| 전자부품 데이터시트 검색엔진 |
|
ISL8840AMBZ 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL8840AMBZ 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 15 page ![]() ISL8840A, ISL8841A, ISL8842A, ISL8843A, ISL8844A, ISL8845A FN6320 Rev 3.00 Page 2 of 15 April 18, 2007 Ordering Information PART NUMBER* PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL8840AABZ (See Note) 8840 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8840AAUZ (See Note) 40AAZ -40 to +105 8 Ld MSOP M8.118 ISL8840AMBZ (See Note) 8840 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8840AMUZ (See Note) 40AMZ -55 to +125 8 Ld MSOP M8.118 ISL8841AABZ (See Note) 8841 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8841AAUZ (See Note) 41AAZ -40 to +105 8 Ld MSOP M8.118 ISL8841AMBZ (See Note) 8841 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8841AMUZ (See Note) 41AMZ -55 to +125 8 Ld MSOP M8.118 ISL8842AABZ (See Note) 8842 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8842AAUZ (See Note) 42AAZ -40 to +105 8 Ld MSOP M8.118 ISL8842AMBZ (See Note) 8842 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8842AMUZ (See Note) 42AMZ -55 to +125 8 Ld MSOP M8.118 ISL8843AABZ (See Note) 8843 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8843AAUZ (See Note) 43AAZ -40 to +105 8 Ld MSOP M8.118 ISL8843AMBZ (See Note) 8843 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8843AMUZ (See Note) 43AMZ -55 to +125 8 Ld MSOP M8.118 ISL8844AABZ (See Note) 8844 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8844AAUZ (See Note) 44AAZ -40 to +105 8 Ld MSOP M8.118 ISL8844AMBZ (See Note) 8844 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8844AMUZ (See Note) 44AMZ -55 to +125 8 Ld MSOP M8.118 ISL8845AABZ (See Note) 8845 AABZ -40 to +105 8 Ld SOIC M8.15 ISL8845AAUZ (See Note) 45AAZ -40 to +105 8 Ld MSOP M8.118 ISL8845AMBZ (See Note) 8845 AMBZ -55 to +125 8 Ld SOIC M8.15 ISL8845AMUZ (See Note) 45AMZ -55 to +125 8 Ld MSOP M8.118 *Add “-T” suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Ordering Information (Continued) PART NUMBER* PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # |