전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZX75LP-264 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 ZX75LP-264
상세설명  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-264 데이터시트(HTML) 2 Page - Mini-Circuits

  ZX75LP-264 Datasheet HTML 1Page - Mini-Circuits ZX75LP-264 Datasheet HTML 2Page - Mini-Circuits ZX75LP-264 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-264+
Applications
• ADC/DAC
• Clock circuitry
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-264+
EDR10359U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 264 MHz
ZX75LP-264+
INSERTION LOSS (Full band)
0
20
40
60
80
100
0
250
500
750
1000
1250
1500
1750
FREQUENCY (MHz)
0.0
0.7
1.4
0
90
180
270
ZX75LP-264+
VSWR
1
10
100
0
250
500
750
1000
1250
1500
1750
FREQUENCY (MHz)
1.00
1.20
1.40
0
90
180
270
ZX75LP-264+
INSERTION LOSS (Passband)
0
20
40
60
80
0
100
200
300
400
500
FREQUENCY (MHz)
ZX75LP-264+
GROUP DELAY
2
3
4
5
6
7
0
45
90
135
180
225
270
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-264
—
1.1
2.0
dB
Freq. Cut-Off
F2
288
—
3.0
—
dB
VSWR
DC-F1
DC-264
—
1.4
1.8
:1
Stop Band
Rejection Loss
F3-F4
365-1500
20
30
—
dB
VSWR
F3-F4
365-1500
—
37
—
:1
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.07
1.02
1
2.76
35
0.14
1.03
5
2.73
85
0.24
1.07
25
2.68
190
0.51
1.12
50
2.70
264
1.05
1.22
75
2.75
288
2.96
2.66
100
2.85
300
6.51
6.32
110
2.90
315
12.44
14.87
120
2.95
350
25.90
33.42
130
3.02
365
31.16
38.61
140
3.07
400
43.03
48.26
150
3.14
450
59.63
56.04
160
3.24
475
69.45
62.05
170
3.34
500
75.77
64.35
180
3.49
600
78.27
78.97
200
3.83
750
78.21
86.86
230
4.52
1000
73.82
86.86
240
4.82
1200
69.83
82.73
250
5.27
1300
70.23
82.73
260
5.98
1500
69.24
75.53
264
6.40
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-264-S+



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com