전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6315 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 ISL6315
상세설명  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6315 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6315 Datasheet HTML 9Page - Renesas Technology Corp ISL6315 Datasheet HTML 10Page - Renesas Technology Corp ISL6315 Datasheet HTML 11Page - Renesas Technology Corp ISL6315 Datasheet HTML 12Page - Renesas Technology Corp ISL6315 Datasheet HTML 13Page - Renesas Technology Corp ISL6315 Datasheet HTML 14Page - Renesas Technology Corp ISL6315 Datasheet HTML 15Page - Renesas Technology Corp ISL6315 Datasheet HTML 16Page - Renesas Technology Corp ISL6315 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL6315
FN9222 Rev 1.00
Page 13 of 20
July 18, 2007
In summary, for the ISL6315 to operate, the following
conditions need be met: VCC and PVCC must be greater
than their respective POR thresholds, the voltage at ENLL
must be greater than 0.61V, and VID has to be different than
‘11111’. Once all these conditions are met, the controller
immediately initiates a soft start sequence.
SOFT-START
The soft-start function allows the converter to bring up the
output voltage in a controlled fashion, resulting in a linear
ramp-up. Following a delay of 16 PHASE clock cycles (about
70
s) between enabling the chip and the start of the ramp,
the output voltage progresses at a fixed rate of 12.5mV per
16 PHASE clock cycles.
Thus, the soft-start period (not including the 70
s wait) up to
a given voltage, VDAC, can be approximated by the following
equation
where VDAC is the DAC-set VID voltage, and fS is the
switching frequency (typically 222kHz).
The ISL6315 also has the ability to start up into a pre-charged
output, without causing any unnecessary disturbance. The FB
pin is monitored during soft-start, and should it be higher than
the equivalent internal ramping reference voltage, the output
drives hold both MOSFETs off. Once the internal ramping
reference exceeds the FB pin potential, the output drives are
enabled, allowing the output to ramp from the pre-charged
level to the final level dictated by the DAC setting. Should the
output be pre-charged to a level exceeding the DAC setting,
the output drives are enabled at the end of the soft-start
period, leading to an abrupt correction in the output voltage
down to the DAC-set level.
FREQUENCY COMPENSATION
The ISL6315 multiphase converter behaves in a similar
manner to a voltage-mode controller. This section highlights
the design consideration for a voltage-mode controller requiring
external compensation. To address a broad range of
applications, a type-3 feedback network is recommended.
Figure 8 highlights the voltage-mode control loop for a
synchronous-rectified buck converter, applicable, with a small
number of adjustments, to the multiphase ISL6315 circuit. The
output voltage (VOUT) is regulated to the reference voltage,
VREF, level. The error amplifier output (COMP pin voltage) is
compared with the oscillator (OSC) modified saw-tooth wave to
provide a pulse-width modulated wave with an amplitude of VIN
at the PHASE node. The PWM wave is smoothed by the output
filter (L and C). The output filter capacitor bank’s equivalent
series resistance is represented by the series resistor E.
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP. This function is dominated by a DC
gain, given by dMAXVIN/VOSC, and shaped by the output
filter, with a double pole break frequency at FLC and a zero at
FCE. For the purpose of this analysis, L and D represent the
individual channel inductance and its DCR divided by 2
(equivalent parallel value of the two output inductors), while C
TSS
VDAC 1280
fS
---------------------------------
=
(EQ. 7)
FIGURE 7. SOFT-START WAVEFORMS FOR ISL6315-BASED
MULTIPHASE CONVERTER
ENLL (5V/DIV)
VOUT (0.5V/DIV)
GND>
T1
GND>
T2
T3
OUTPUT PRECHARGED
BELOW DAC LEVEL
OUTPUT PRECHARGED
ABOVE DAC LEVEL
FIGURE 8. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
-
+
E/A
VREF
COMP
C1
R2
R1
FB
C2
R3
C3
L
C
VIN
PWM
CIRCUIT
HALF-BRIDGE
DRIVE
OSCILLATOR
E
EXTERNAL CIRCUIT
ISL6315
VOUT
VOSC
D
UGATE
PHASE
LGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com