전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6520 데이터시트(PDF) 11 Page - Monolithic Power Systems

부품명 MP6520
상세설명  8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6520 데이터시트(HTML) 11 Page - Monolithic Power Systems

Back Button MP6520 Datasheet HTML 7Page - Monolithic Power Systems MP6520 Datasheet HTML 8Page - Monolithic Power Systems MP6520 Datasheet HTML 9Page - Monolithic Power Systems MP6520 Datasheet HTML 10Page - Monolithic Power Systems MP6520 Datasheet HTML 11Page - Monolithic Power Systems MP6520 Datasheet HTML 12Page - Monolithic Power Systems MP6520 Datasheet HTML 13Page - Monolithic Power Systems MP6520 Datasheet HTML 14Page - Monolithic Power Systems MP6520 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP6520
– 32V, 1.5A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6520 Rev. 1.0
www.MonolithicPower.com
11
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Fault
The MP6520 provides an nFAULT pin, which is
driven low when a fault condition such as OCP,
OTP, or OVP occurs. nFAULT is an open-drain
output, so if it is used, an external pull-up
resistor is required. When the fault condition is
released, nFAULT is pulled to a high level by
the external pull-up resistor.
Over-Current Protection (OCP)
The over-current protection (OCP) circuit limits
the current through any MOSFET. If the over-
current limit threshold is reached and lasts
longer than the over-current deglitch time, all
MOSFETs in the H-bridge are disabled, and
nFAULT is driven low. The driver remains
disabled for approximately 5ms, then is re-
enabled automatically. If this cycle repeats five
times, the MP6520 shuts down.
Over-current conditions on both the high- and
low-side devices (i.e.: a short to ground, supply,
or across the motor winding) result in an over-
current shutdown. Note that OCP does not use
the current sense circuitry used for PWM
current control and is independent of the sense
resistor value or VREF voltage.
Over-Voltage Protection (OVP)
If the input voltage on VIN is higher than the
OVP threshold, the H-bridge output is disabled,
and nFAULT is driven low. This protection is
released when VIN drops to a safe level.
Input UVLO Protection
If the voltage on VIN falls below the under-
voltage lockout (UVLO) threshold voltage at any
time, all circuitry in the device is disabled, and
the internal logic is reset. Operation resumes
when VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
MOSFETs in the H-bridge are disabled, and
nFAULT
is
driven
low.
Once
the
die
temperature has fallen to a safe level, operation
resumes automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com