전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSY-T675 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LSY-T675
상세설명  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY-T675 데이터시트(HTML) 1 Page - OSRAM GmbH

  LSY-T675 Datasheet HTML 1Page - OSRAM GmbH LSY-T675 Datasheet HTML 2Page - OSRAM GmbH LSY-T675 Datasheet HTML 3Page - OSRAM GmbH LSY-T675 Datasheet HTML 4Page - OSRAM GmbH LSY-T675 Datasheet HTML 5Page - OSRAM GmbH LSY-T675 Datasheet HTML 6Page - OSRAM GmbH LSY-T675 Datasheet HTML 7Page - OSRAM GmbH LSY-T675 Datasheet HTML 8Page - OSRAM GmbH LSY-T675 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LSY T675
Hyper Multi TOPLED
®
High-optical Power LED (HOP)
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2004-09-28
1
Besondere Merkmale
• Gehäusetyp: weißes P-LCC-4 Gehäuse,
farbloser klarer Verguss
• Besonderheit des Bauteils: mehr Licht durch
erhöhten optischen Wirkungsgrad
• Wellenlänge: 633 nm (super-rot),
587 nm (gelb)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Technologie: InGaAlP
• optischer Wirkungsgrad:
10 lm/W (super-rot), 13 lm/W (gelb)
• Gruppierungsparameter: Lichtstärke
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• optischer Indikator
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
Features
• package: white P-LCC-4 package, colorless
clear resin
• feature of the device: more light due to higher
optical efficiency
• wavelength: 633 nm (super-red),
587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 10 lm/W (super-red),
13 lm/W (yellow)
• grouping parameter: luminous intensity
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or
8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• optical indicators
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)


유사한 부품 번호 - LSY-T675

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LSY-T670 OSRAM-LSY-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSY-T676 OSRAM-LSY-T676 Datasheet
398Kb / 17P
white P-LCC-4 package, colorless clear resin
logo
ams-OSRAM AG
LSY-T676 AMSOSRAM-LSY-T676 Datasheet
1Mb / 24P
Multi TOPLED®
2024-11-21
logo
OSRAM GmbH
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
white P-LCC-4 package, colorless clear resin
logo
ams-OSRAM AG
LSY-T67B AMSOSRAM-LSY-T67B Datasheet
429Kb / 15P
Multi TOPLED®
2012-11-14
More results

유사한 설명 - LSY-T675

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBLTLVE63C OSRAM-LBLTLVE63C Datasheet
363Kb / 18P
white P-LCC-4 package, colorless clear resin
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
white P-LCC-4 package, colorless clear resin
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
white P-LCC-4 package, colorless clear resin
LAY-T67F OSRAM-LAY-T67F Datasheet
254Kb / 16P
white P-LCC-4 package, colorless clear resin
LB-E67C OSRAM-LB-E67C Datasheet
458Kb / 17P
white P-LCC-4 package, colorless clear resin
LOG-T671 OSRAM-LOG-T671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T676 OSRAM-LSG-T676 Datasheet
362Kb / 16P
white P-LCC-4 package, colorless clear resin
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
white P-LCC-4 package, colorless clear resin
LSY-T676 OSRAM-LSY-T676 Datasheet
398Kb / 17P
white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com