| 전자부품 데이터시트 검색엔진 |
|
XRT83SL314IB 데이터시트(PDF) 17 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL314IB 데이터시트(HTML) 17 Page - Exar Corporation |
|
17 / 85 page ![]() XRT83SL314 14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT PRELIMINARY REV. P1.0.5 12 DGND DGND DGND DGND DGND DGND L2 T4 C12 Y12 U20 L23 GND Digital Ground It’s recommended that all ground pins of this device be tied together. DGND_DRV DGND_DRV DGND_DRV DGND_DRV DGND_DRV DGND_DRV DGND_PRE DGND_PRE DGND_PRE DGND_PRE DGND_UP B2 U3 A16 AA8 L21 AB23 L4 D15 AB8 L20 AB15 GND Digital Ground It’s recommended that all ground pins of this device be tied together. AGND_BIAS AGND_PLL22 AGND_PLL21 AGND_PLL12 AGND_PLL11 L3 C9 C8 Y9 AC8 GND Analog Ground It’s recommended that all ground pins of this device be tied together. NO CONNECTS NAME PIN TYPE DESCRIPTION NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC A1 B1 K1 L1 AA1 AC1 K2 D3 E4 K20 D21 K21 K22 L22 AA22 B23 NC No Connect This pin can be left floating or tied to ground. POWER AND GROUND NAME PIN TYPE DESCRIPTION |