전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ-T 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ISL9301IRZ-T
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9301IRZ-T 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ISL9301IRZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9301IRZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL9301
FN6435 Rev 3.00
Page 2 of 12
September 21, 2011
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
All other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . . . . . . . 28V
Operating Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . 4.3V to 10V
Programmed Charge Current . . . . . . . . . . . . . . . . . 50mA to 450mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0mA to 800mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
DFN Package (Notes 4, 5) . . . . . . . . . .
40.5
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical values are tested at VIN = 5V and the ambient temperature at +25°C. Range. VSUPPLY = ±5V, AV = +1,
RL = 100; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use PPR to indicate the comparator
output.
3.3
3.9
4.3
V
Falling POR Threshold
VPOR
3.1
3.6
4.15
V
VOUT-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the comparator
output (Note 6)
-
110
250
mV
Falling Edge
VOS
10
100
-
mV
VIN OVERVOLTAGE PROTECTION
Overvoltage Protection Threshold
VOVP
Use PPR to indicate the comparator output
10
10.5
13
V
OVP Threshold Hysteresis
200
400
500
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
1.0
µA
BAT Pin Supply Current
IVBAT
No supply at VIN, BATON = HI
-
10
-
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
1
-
mA
VOLTAGE REGULATION
Output Voltage
VOUT
System current + charge current = 15mA
4.40
4.50
4.60
V
Output PPM Threshold Voltage
VDPPM
4.22
4.35
4.45
V
Charger Output Voltage
VBAT
Charge current = 10mA
4.158
4.20
4.242
V
IREF PIN Voltage
VIREF
VBAT = 3.8V
1.165
1.20
1.245
V
MOSFET ON-RESISTANCE
Regulator MOSFET rDS(ON)
rDS(ON)
VOUT = 4.4V, Total current = 0.3A
-
0.8
1.2
Charger MOSFET rDS(ON)
rDS(ON)
VBAT = 3.8V, charge current = 0.2A
-
0.1
0.15
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHG Relative to VBAT
-200
-150
-100
mV
CURRENT REGULATION (Note 7)
Input Current Limit
ILIM
VOUT = 4.5V
600
800
1200
mA
Constant Charge Current
ICHG
RIREF = 26.7k, VBAT = 2.8V to 4.0V
130
145
160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com