| 전자부품 데이터시트 검색엔진 |
|
301R273U6R3JS2 데이터시트(PDF) 2 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
301R273U6R3JS2 데이터시트(HTML) 2 Page - Cornell Dubilier Electronics |
|
2 / 12 page ![]() Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial High Capacitance and Ultra-Low ESR Load Life RoHS, ≥ .77” RoHS, < .77” Non-RoHS, < .77” 4000 h at full load at 85 °C 2000 h at full load at 85 °C 4000 h at full load at 85 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Shelf Life Test 500 h at 105 °C, capacitance, ESR and DCL, initial requirements Vibration 10 to 55 Hz, 0.06” and 10 g max, 2 h each plane Part Numbering System NR 301R 333 U 6R3 JS 2 E RoHS Type Capacitance Tolerance Voltage Case Code Insulation Epoxy Blank = Compliant 300 - 3 leads 152 = 1500 µF M = ±20 6R3 =6.3 V 0 = bare can E = epoxy NR = Non Compliant 300R- 3 leads, low ESR 102 = 1000 µF T = 10% +50% 063 = 63 Vdc 1 = Polyester 301 - 2 leads U = –10 +75% 100 = 100 Vdc 2 = PVC Blank = no epoxy (exceeds Pb) 301R- 2 leads, low ESR w/standofs* 301A- Laydown 3 leads 9 = Polyester w/standofs* *Not available in .77” diameter Outline Drawing 0.77”, 0.895” and 1.02” Diameters L L +0.015 -0.032 .250 0.51”, 0.65” and .73” Diameters CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 |