전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRE1 데이터시트(PDF) 7 Page - Murata Power Solutions Inc.

부품명 CRE1
상세설명  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1 데이터시트(HTML) 7 Page - Murata Power Solutions Inc.

Back Button CRE1 Datasheet HTML 3Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 4Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 5Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 7 of 14
www.murata-ps.com/support
APPLICATION NOTES (continued)
Ripple & Noise Characterisation Method
Ripple and noise measurements are performed with the following test configuration.
C1
1µF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC-DC converter
C2
10µF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC-DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon film, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC-DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential Mode Noise Test Schematic
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC-DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC-DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC-DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
DC
DC
L
C
Load
Power
Source
Inductor
Capacitor
L, µH
SMD
Through Hole
C, µF
CRE1S0505DC
CRE1S0505SC
CRE1S0515SC
CRE1S1205SC
CRE1S1212SC
CRE1S2405SC
CRE1S2412SC
CRE1S0305S3C
CRE1S0505S3C
CRE1S0505MC
47
82473C
11R473C
4.7
CRE1S0505MEC
10
82103C
11R103C
4.7
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com