전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD2NK60Z 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STD2NK60Z
상세설명  Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK60Z 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STD2NK60Z Datasheet HTML 8Page - STMicroelectronics STD2NK60Z Datasheet HTML 9Page - STMicroelectronics STD2NK60Z Datasheet HTML 10Page - STMicroelectronics STD2NK60Z Datasheet HTML 11Page - STMicroelectronics STD2NK60Z Datasheet HTML 12Page - STMicroelectronics STD2NK60Z Datasheet HTML 13Page - STMicroelectronics STD2NK60Z Datasheet HTML 14Page - STMicroelectronics STD2NK60Z Datasheet HTML 15Page - STMicroelectronics STD2NK60Z Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
STQ2NK60ZR-AP - STP2NK60Z - STF2NK60Z - STD2NK60Z-1
12/16
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16