전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN331M050ST 데이터시트(PDF) 3 Page - Cornell Dubilier Electronics

부품명 SN331M050ST
상세설명  Radial Leaded Non-Polar Aluminum Electrolytic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M050ST 데이터시트(HTML) 3 Page - Cornell Dubilier Electronics

  SN331M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electrolytic Capacitors
Ratings
Cap
(µF)
Catalog
Part Number
Max ESR
120 Hz
+25 ºC
(Ω)
Max Ripple
120 Hz
+85 ºC
(mA)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead Dia.
(d)
25 WVNP (32 VNP Surge)
1.0
2.2
4.7
10
22
SN010M025ST
SN2R2M025ST
SN4R7M025ST
SN100M025ST
SN220M025ST
199.04
90.47
42.35
19.90
9.05
17
25
34
50
86
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.079 (2.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.138 (3.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
33
47
100
220
330
470
SN330M025ST
SN470M025ST
SN101M025ST
SN221M025ST
SN331M025ST
SN471M025ST
6.03
4.23
1.99
0.90
0.60
0.42
105
140
240
390
580
690
.315 (8.0)
.394 (10.0)
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.453 (11.5)
.472 (12.0)
.787 (20.0)
.787 (20.0)
.984 (25.0)
.984 (25.0)
.138 (3.5)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0197 (0.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
35 WVNP (44 VNP Surge)
3.3
4.7
10
22
33
SN3R3M035ST
SN4R7M035ST
SN100M035ST
SN220M035ST
SN330M035ST
56.30
39.53
18.58
8.44
5.63
27
34
54
94
125
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.394 (10.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.472 (12.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.138 (3.5)
.197 (5.0)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0236 (0.6)
47
100
220
330
470
SN470M035ST
SN101M035ST
SN221M035ST
SN331M035ST
SN471M035ST
3.95
1.86
0.84
0.56
0.40
165
285
520
630
820
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.787 (20.0)
.984 (25.0)
.984 (25.0)
1.26 (32.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
50 WVNP (63 VNP Surge)
0.47
1.0
2.2
3.3
4.7
SNR47M050ST
SN010M050ST
SN2R2M050ST
SN3R3M050ST
SN4R7M050ST
338.80
159.24
72.38
48.25
33.88
11
17
25
31
41
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.236 (6.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.079 (2.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.098 (2.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
10
22
33
47
100
SN100M050ST
SN220M050ST
SN330M050ST
SN470M050ST
SN101M050ST
15.92
7.24
4.83
3.39
1.59
70
115
150
190
310
.315 (8.0)
.394 (10.0)
.394 (10.0)
.394 (10.0)
.512 (13.0)
.453 (11.5)
.472 (12.0)
.630 (16.0)
.787 (20.0)
.787 (20.0)
.138 (3.5)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.0197 (0.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
220
330
SN221M050ST
SN331M050ST
0.72
0.48
570
790
.630 (16.0)
.630 (16.0)
.984 (25.0)
1.42 (36.0)
.295 (7.5)
.295 (7.5)
.0315 (0.8)
.0315 (0.8)
63 WVNP (79 VNP Surge)
1.0
2.2
3.3
4.7
10.0
SN010M063ST
SN2R2M063ST
SN3R3M063ST
SN4R7M063ST
SN100M063ST
159.24
72.38
48.25
33.88
15.92
17
25
37
44
74
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.098 (2.5)
.138 (3.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
22
33
47
100
220
SN220M063ST
SN330M063ST
SN470M063ST
SN101M063ST
SN221M063ST
7.24
4.83
3.39
1.59
0.72
130
175
230
410
660
.394 (10.0)
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.787 (20.0)
.787 (20.0)
.984 (25.0)
1.26 (32.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
Parts highlighted in yellow are obsolete.



Html Pages

1 2 3 4