전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C15013 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C15013
상세설명  ~7째 diffused spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15013 데이터시트(HTML) 1 Page - Ledil, Inc.

  C15013 Datasheet HTML 1Page - Ledil, Inc. C15013 Datasheet HTML 2Page - Ledil, Inc. C15013 Datasheet HTML 3Page - Ledil, Inc. C15013 Datasheet HTML 4Page - Ledil, Inc. C15013 Datasheet HTML 5Page - Ledil, Inc. C15013 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C15013_LUCIA-D
LUCIA-D
~7° diffused spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
89.8 mm
Height
34.7 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
11 kg
Quantity in Box
64 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LUCIA-D
Lens
PMMA
clear
Last update: 11/02/2016
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - C15013

제조업체부품명데이터시트상세설명
logo
Powerbox
C1501 POWERBOX-C1501 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
logo
Cree, Inc
C15014 CREE-C15014 Datasheet
3Mb / 51P
Strada series
logo
Ledil, Inc.
C15014 LEDIL-C15014 Datasheet
5Mb / 21P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
logo
YENYO TECHNOLOGY Co., L...
C15018 YENYO-C15018 Datasheet
713Kb / 2P
Auto Rectifier
logo
Ledil, Inc.
C15019 LEDIL-C15019 Datasheet
3Mb / 45P
Strada Assembly
More results

유사한 설명 - C15013

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FCP14966 LEDIL-FCP14966 Datasheet
6Mb / 7P
~18째 diffused spot beam
FCP15345 LEDIL-FCP15345 Datasheet
6Mb / 5P
~18째 diffused spot beam
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
FCA15450 LEDIL-FCA15450_18 Datasheet
7Mb / 6P
~18째 diffused spot beam
CA15519 LEDIL-CA15519_18 Datasheet
5Mb / 5P
~15째 diffused spot beam
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
CA13629 LEDIL-CA13629 Datasheet
8Mb / 10P
~13째 diffused spot beam.
CA16707 LEDIL-CA16707 Datasheet
1Mb / 4P
~15째 diffused spot beam
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
FA11205 LEDIL-FA11205 Datasheet
2Mb / 7P
~16째 diffused spot beam.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com