전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C15932 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C15932
상세설명  IESNA Type V (square) for wide area lighting such as car parks.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15932 데이터시트(HTML) 1 Page - Ledil, Inc.

  C15932 Datasheet HTML 1Page - Ledil, Inc. C15932 Datasheet HTML 2Page - Ledil, Inc. C15932 Datasheet HTML 3Page - Ledil, Inc. C15932 Datasheet HTML 4Page - Ledil, Inc. C15932 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C15932_STRADA-2X2CSP-VSM
STRADA-2X2CSP-VSM
IESNA Type V (square) for wide area lighting
such as car parks.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
5.8 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
5.6 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2CSP-VSM
Lens
PMMA
clear
Last update: 24/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - C15932

제조업체부품명데이터시트상세설명
logo
Time Electronics Ltd.
C159 TIME-ELECTRONICS-C159 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
C159 TIME-ELECTRONICS-C159 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
logo
Coilcraft lnc.
C1590-AL COILCRAFT-C1590-AL Datasheet
190Kb / 1P
Flyback Transformers
C1591-AL COILCRAFT-C1591-AL Datasheet
190Kb / 1P
Flyback Transformers
logo
Ledil, Inc.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results

유사한 설명 - C15932

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CS16577 LEDIL-CS16577 Datasheet
6Mb / 5P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16581 LEDIL-CS16581 Datasheet
6Mb / 4P
IESNA Type V (square) beam for wide areas lighting such as car parks
FP15812 LEDIL-FP15812 Datasheet
5Mb / 6P
IESNA Type V (square) for wide areas lighting such as car parks. New revision.
C15481 LEDIL-C15481 Datasheet
3Mb / 8P
IESNA Type V (square) beam for wide areas lighting such as car parks
C15986 LEDIL-C15986 Datasheet
4Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS15020 LEDIL-CS15020_18 Datasheet
6Mb / 10P
IESNA Type V (square) beam for wide area lighting such as car parks
C14680 LEDIL-C14680 Datasheet
11Mb / 13P
IESNA Type V (square) beam for wide areas lighting such as car parks
CA12891 LEDIL-CA12891 Datasheet
2Mb / 9P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16973 LEDIL-CS16973 Datasheet
3Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS17082 LEDIL-CS17082 Datasheet
2Mb / 6P
IESNA Type V (square) beam for wide area lighting such as car parks
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com