| 전자부품 데이터시트 검색엔진 |
|
ISL6566 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6566 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 30 page ![]() ISL6566 FN9178 Rev 4.00 Page 2 of 30 Mar 9, 2006 Ordering Information PART NUMBER PART MARKING TEMP. (°C) PACKAGE PKG. DWG. # ISL6566CRR5184 ISL6566CR 0 to 70 40 Ld 6x6 QFN L40.6x6 ISL6566CR-TR5184 ISL6566CR 0 to 70 40 Ld 6x6 QFN Tape and Reel L40.6x6 ISL6566CRZR5184 (Note) ISL6566CRZ 0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6 ISL6566CRZ-TR5184 (Note) ISL6566CRZ 0 to 70 40 Ld 6x6 QFN (Pb-free) Tape and Reel L40.6x6 ISL6566CRZAR5184 (Note) ISL6566CRZ 0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6 ISL6566CRZA-TR5184 (Note) ISL6566CRZ 0 to 70 40 Ld 6x6 QFN (Pb-free) Tape and Reel L40.6x6 ISL6566IR ISL6566IR -40 to 85 40 Ld 6x6 QFN L40.6x6 ISL6566IR-T ISL6566IR -40 to 85 40 Ld 6x6 QFN Tape and Reel L40.6x6 ISL6566IRZ (Note) ISL6566IRZ -40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6 ISL6566IRZ-T (Note) ISL6566IRZ -40 to 85 40 Ld 6x6 QFN (Pb-free) Tape and Reel L40.6x6 ISL6566IRZA (Note) ISL6566IRZ -40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6 ISL6566IRZA-T (Note) ISL6566IRZ -40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6 NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. |