전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FN15379 데이터시트(PDF) 3 Page - Ledil, Inc.

부품명 FN15379
상세설명  IESNA Type V (square) for wide areas lighting such as car parks. Compatible with up to 30 mm LES size COBs.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15379 데이터시트(HTML) 3 Page - Ledil, Inc.

  FN15379 Datasheet HTML 1Page - Ledil, Inc. FN15379 Datasheet HTML 2Page - Ledil, Inc. FN15379 Datasheet HTML 3Page - Ledil, Inc. FN15379 Datasheet HTML 4Page - Ledil, Inc. FN15379 Datasheet HTML 5Page - Ledil, Inc. FN15379 Datasheet HTML 6Page - Ledil, Inc. FN15379 Datasheet HTML 7Page - Ledil, Inc. FN15379 Datasheet HTML 8Page - Ledil, Inc. FN15379 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT
DATASHEET
FN15379_STELLA-VSM
PHOTOMETRIC DATA (MEASURED):
LED
V18 Gen7
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
0.360 cd/lm
Required components:
Bender Wirth: 439 Typ L3
LED
V22 Gen7
FWHM
Asymmetric
Efficiency
94 %
Peak intensity
0.310 cd/lm
Required components:
Bender Wirth: 431 Typ Z1
LED
V22 Gen7
FWHM
Asymmetric
Efficiency
93 %
Peak intensity
0.300 cd/lm
Required components:
LED
Vero SE 13
FWHM
Asymmetric
Efficiency
90 %
Peak intensity
0.620 cd/lm
Required components:
Last update: 25/05/2018
Subject to change without prior notice
3/12
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com