전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP15812 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 FP15812
상세설명  IESNA Type V (square) for wide areas lighting such as car parks. New revision.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15812 데이터시트(HTML) 1 Page - Ledil, Inc.

  FP15812 Datasheet HTML 1Page - Ledil, Inc. FP15812 Datasheet HTML 2Page - Ledil, Inc. FP15812 Datasheet HTML 3Page - Ledil, Inc. FP15812 Datasheet HTML 4Page - Ledil, Inc. FP15812 Datasheet HTML 5Page - Ledil, Inc. FP15812 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP15812_STRADA-2X2MXS-VSM
STRADA-2X2MXS-VSM
IESNA Type V (square) for wide areas lighting
such as car parks. New revision.
TECHNICAL SPECIFICATIONS:
Dimensions
90x90 mm
Height
13 mm
Fastening
screw
Colour
black
Box size
398 x 298 x 265 mm
Box weight
10.8 kg
Quantity in Box
192 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2MXS-VSM
Lens
Silicone
clear
STRADA-2X2MXS-FRAME
Holder
PA66
black
Last update: 24/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - FP15812

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP15897 LEDIL-FP15897 Datasheet
3Mb / 5P
~85째 wide beam
FP15898 LEDIL-FP15898 Datasheet
3Mb / 5P
~55째 wide beam
More results

유사한 설명 - FP15812

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CS16577 LEDIL-CS16577 Datasheet
6Mb / 5P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16581 LEDIL-CS16581 Datasheet
6Mb / 4P
IESNA Type V (square) beam for wide areas lighting such as car parks
C15481 LEDIL-C15481 Datasheet
3Mb / 8P
IESNA Type V (square) beam for wide areas lighting such as car parks
C15986 LEDIL-C15986 Datasheet
4Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS15763 LEDIL-CS15763 Datasheet
3Mb / 6P
IESNA Type V (square) for wide areas lighting such as car parks. New revision.
C14680 LEDIL-C14680 Datasheet
11Mb / 13P
IESNA Type V (square) beam for wide areas lighting such as car parks
CA12891 LEDIL-CA12891 Datasheet
2Mb / 9P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16973 LEDIL-CS16973 Datasheet
3Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
C17085 LEDIL-C17085 Datasheet
2Mb / 6P
IESNA Type V (square) beam for wide areas such as car parks
C17224 LEDIL-C17224 Datasheet
2Mb / 5P
IESNA Type V (square) beam for wide areas such as car parks
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com