전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP15898 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 FP15898
상세설명  ~55째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15898 데이터시트(HTML) 1 Page - Ledil, Inc.

  FP15898 Datasheet HTML 1Page - Ledil, Inc. FP15898 Datasheet HTML 2Page - Ledil, Inc. FP15898 Datasheet HTML 3Page - Ledil, Inc. FP15898 Datasheet HTML 4Page - Ledil, Inc. FP15898 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FP15898_HB-2X2MXS-WW
HB-2X2MXS-WW
~55° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
90x90 mm
Height
16.5 mm
Fastening
screw
Colour
black
Box size
398 x 298 x 265 mm
Box weight
8.6 kg
Quantity in Box
168 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2MXS-FRAME
Holder
PA66
black
HB-2X2MXS-WW
Lens array
Silicone
clear
Last update: 24/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - FP15898

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP15897 LEDIL-FP15897 Datasheet
3Mb / 5P
~85째 wide beam
More results

유사한 설명 - FP15898

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
CP16939 LEDIL-CP16939 Datasheet
3Mb / 4P
~55째 wide beam
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
C12345 LEDIL-C12345 Datasheet
1Mb / 6P
~55째 wide beam
C17434 LEDIL-C17434 Datasheet
4Mb / 6P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com