전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP16310 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 FP16310
상세설명  90 x 90 mm 18 mm screw black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16310 데이터시트(HTML) 1 Page - Ledil, Inc.

  FP16310 Datasheet HTML 1Page - Ledil, Inc. FP16310 Datasheet HTML 2Page - Ledil, Inc. FP16310 Datasheet HTML 3Page - Ledil, Inc. FP16310 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FP16310_HB-2X2MXS-M
HB-2X2MXS-M
TECHNICAL SPECIFICATIONS:
Dimensions
90 x 90 mm
Height
18 mm
Fastening
screw
Colour
black
Box size
398 x 298 x 265 mm
Box weight
10.5 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2MXS-FRAME
Holder
PA66
black
HB-2X2MXS-M
Lens array
Silicone
clear
Last update: 24/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - FP16310

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP16391 LEDIL-FP16391 Datasheet
3Mb / 4P
~60째 batwing beam
More results

유사한 설명 - FP16310

제조업체부품명데이터시트상세설명
logo
Weidmuller
0342400000 WEIDMULLER-0342400000 Datasheet
96Kb / 2P
Housings, 90 mm, 130 mm, 170 mm, Aluminium alloy (AlSi12)
logo
Tensility International...
10-01076 TENSILITY-10-01076 Datasheet
329Kb / 2P
Cable, 1830 mm, 5.5x2.5x12 mm 90 50-00187 dc plug to 5.5x2.5 mm 50-00027
10-01077 TENSILITY-10-01077 Datasheet
341Kb / 2P
Cable, 915 mm, 5.5x2.5x12 mm 90 50- 00187 dc plug to 5.5x2.5 mm 50-00027 jack
10-01216 TENSILITY-10-01216 Datasheet
325Kb / 2P
Cable, 305 mm, 5.5x2.5x7.5 mm 90 50-00011 locking dc plug to same, 18 AWG, UL1185, 30-00004 wire
logo
TAI-SAW TECHNOLOGY CO.,...
TB0283A TAI-SAW-TB0283A Datasheet
182Kb / 4P
IF SAW Filter 90 MHz ( package 9.1 mm x 4.8 mm )
logo
Schneider Electric
XGFEC540 SCHNEIDER-XGFEC540 Datasheet
110Kb / 5P
field expander conveying type - Sn 30..90 mm - 400 x 23 x 50 mm
Jan 7, 2021
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBY6H102 SCHNEIDER-ZBY6H102 Datasheet
110Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
KZ103 SCHNEIDER-KZ103 Datasheet
113Kb / 2P
legend holder with blank legend plate - for front plate 90 x 90 mm
Feb 10, 2022
KZ106 SCHNEIDER-KZ106 Datasheet
144Kb / 2P
adaptor plate 90 x 90 mm for door mounting of handle - set of 5
Feb 10, 2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com