전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C15437 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C15437
상세설명  Beam for canopy lighting with batwing light distribution.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15437 데이터시트(HTML) 1 Page - Ledil, Inc.

  C15437 Datasheet HTML 1Page - Ledil, Inc. C15437 Datasheet HTML 2Page - Ledil, Inc. C15437 Datasheet HTML 3Page - Ledil, Inc. C15437 Datasheet HTML 4Page - Ledil, Inc. C15437 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C15437_STRADELLA-CY
STRADELLA-CY
Beam for canopy lighting with batwing light
distribution. Suitable for symmetrical tunnel
lighting.
TECHNICAL SPECIFICATIONS:
Dimensions
13.9+13.9 mm
Height
4.7 mm
Fastening
pin
Colour
clear
Box size
480 x 250 x 390 mm
Box weight
0 kg
Quantity in Box
16000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-CY
Lens array
PMMA
clear
Last update: 25/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - C15437

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C15430 LEDIL-C15430 Datasheet
7Mb / 6P
~25째 spot beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
C15432 LEDIL-C15432 Datasheet
7Mb / 5P
~90째 wide beam for industrial applications
More results

유사한 설명 - C15437

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C15920 LEDIL-C15920 Datasheet
3Mb / 5P
Beam for canopy lighting with batwing light distribution.
C16097 LEDIL-C16097 Datasheet
1Mb / 3P
Beam for canopy lighting with batwing light distribution.
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
C15958 LEDIL-C15958 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution
CA14219 LEDIL-CA14219 Datasheet
2Mb / 8P
Beam for canopy lighting with batwing light distribution
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
CA15959 LEDIL-CA15959 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution.
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com