전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS15020 데이터시트(PDF) 4 Page - Ledil, Inc.

부품명 CS15020
상세설명  IESNA Type V (square) beam for wide area lighting such as car parks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15020 데이터시트(HTML) 4 Page - Ledil, Inc.

  CS15020_18 Datasheet HTML 1Page - Ledil, Inc. CS15020_18 Datasheet HTML 2Page - Ledil, Inc. CS15020_18 Datasheet HTML 3Page - Ledil, Inc. CS15020_18 Datasheet HTML 4Page - Ledil, Inc. CS15020_18 Datasheet HTML 5Page - Ledil, Inc. CS15020_18 Datasheet HTML 6Page - Ledil, Inc. CS15020_18 Datasheet HTML 7Page - Ledil, Inc. CS15020_18 Datasheet HTML 8Page - Ledil, Inc. CS15020_18 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRODUCT
DATASHEET
CS15020_STRADA-IP-2X6-VSM
PHOTOMETRIC DATA (MEASURED):
LED
XT-E
FWHM
142.0°
Efficiency
94 %
Peak intensity
0.470 cd/lm
Required components:
LED
H35C1 (LEMWA33)
FWHM
140.0°
Efficiency
94 %
Peak intensity
0.520 cd/lm
Required components:
LED
LUXEON T
FWHM
137.0°
Efficiency
94 %
Peak intensity
0.540 cd/lm
Required components:
LED
LUXEON V
FWHM
139.0°
Efficiency
94 %
Peak intensity
0.400 cd/lm
Required components:
Last update: 25/05/2018
Subject to change without prior notice
4/10
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com