전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP40R12KT3 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 FP40R12KT3
상세설명  IGBT-Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP40R12KT3 데이터시트(HTML) 4 Page - Infineon Technologies AG

  FP40R12KT3 Datasheet HTML 1Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 2Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 3Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 4Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 5Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 6Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 7Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 8Page - Infineon Technologies AG FP40R12KT3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
TechnischeInformation/TechnicalInformation
FP40R12KT3
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
Diode,Brems-Chopper/Diode,Brake-Chopper
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1200
 V
Dauergleichstrom
ContinuousDCforwardcurrent

IF

10
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

20
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
I²t

20,0
 A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 10 A, VGE = 0 V
IF = 10 A, VGE = 0 V
VF
1,80
1,85
2,25
V
V
Tvj = 25°C
Tvj = 125°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 10 A, - diF/dt = 400 A/µs (Tvj=125°C)
VR = 600 V
IRM

14,0
15,0

A
A
Tvj = 25°C
Tvj = 125°C
Sperrverzögerungsladung
Recoveredcharge
IF = 10 A, - diF/dt = 400 A/µs (Tvj=125°C)
VR = 600 V
Qr

1,00
1,80

µC
µC
Tvj = 25°C
Tvj = 125°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 10 A, - diF/dt = 400 A/µs (Tvj=125°C)
VR = 600 V
Erec

0,26
0,56

mJ
mJ
Tvj = 25°C
Tvj = 125°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC


2,30
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

125
°C
NTC-Widerstand/NTC-Thermistor
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Nennwiderstand
Ratedresistance
TC = 25°C
R25

5,00

k
AbweichungvonR100
DeviationofR100
TC = 100°C, R100 = 493
∆R/R
-5

5
%
Verlustleistung
Powerdissipation
TC = 25°C
P25


20,0
mW
B-Wert
B-value
R2 = R25 exp [B25/50(1/T2 - 1/(298,15 K))]
B25/50

3375

K
B-Wert
B-value
R2 = R25 exp [B25/80(1/T2 - 1/(298,15 K))]
B25/80

t.b.d.

K
B-Wert
B-value
R2 = R25 exp [B25/100(1/T2 - 1/(298,15 K))]
B25/100

t.b.d.

K
AngabengemäßgültigerApplicationNote.
Specificationaccordingtothevalidapplicationnote.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com