전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC409LP4E 데이터시트(PDF) 3 Page - Analog Devices

부품명 HMC409LP4E
상세설명  GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC409LP4E 데이터시트(HTML) 3 Page - Analog Devices

  HMC409LP4E Datasheet HTML 1Page - Analog Devices HMC409LP4E Datasheet HTML 2Page - Analog Devices HMC409LP4E Datasheet HTML 3Page - Analog Devices HMC409LP4E Datasheet HTML 4Page - Analog Devices HMC409LP4E Datasheet HTML 5Page - Analog Devices HMC409LP4E Datasheet HTML 6Page - Analog Devices HMC409LP4E Datasheet HTML 7Page - Analog Devices HMC409LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC409LP4E
v04.1217
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 3.5 GHz
Gain & Power vs. Supply Voltage
Noise Figure vs. Temperature
22
24
26
28
30
32
34
36
3
3.2
3.4
3.6
3.8
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
34
38
42
46
50
3
3.2
3.4
3.6
3.8
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
-20
-16
-12
-8
-4
0
4
8
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
28
29
30
31
32
33
34
35
4.75
5
5.25
Gain
Psat
P1dB
Vcc SUPPLY VOLTAGE (Vdc)
0
2
4
6
8
10
12
3
3.2
3.4
3.6
3.8
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com