| 전자부품 데이터시트 검색엔진 |
|
M25P10-AVME3TG 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVME3TG 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() M25PXX 2/7 SUMMARY DESCRIPTION The M25Pxx is a 512Kbit to 32Mbit (2M x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-com- patible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction. The memory is organized as a number of sectors, each containing 256 or 128 pages. Each page is 256 bytes wide. The whole memory can be erased using the Bulk Erase instruction, or a sector at a time, using the Sector Erase instruction. Figure 2. Logic Diagram Table 2. Signal Names Figure 3. SO8 and VDFPN Connections Note: 1. There is an exposed die paddle on the underside of the MLP8 package. This is pulled, internally, to VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB. Figure 4. SO16 Connections Note: 1. DU = Don’t Use C Serial Clock D Serial Data Input Q Serial Data Output S Chip Select W Write Protect HOLD Hold VCC Supply Voltage VSS Ground AI10258 S VCC M25Pxx HOLD VSS W Q C D 1 AI10259 2 3 4 8 7 6 5 D VSS C HOLD Q SVCC W M25Pxx 1 AI10260 2 3 4 16 15 14 13 DU DU DU DU VCC HOLD DU DU M25Pxx 5 6 7 8 12 11 10 9 W Q VSS DU DU S D C |