전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C11773 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C11773
상세설명  ~13째 spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11773 데이터시트(HTML) 1 Page - Ledil, Inc.

  C11773 Datasheet HTML 1Page - Ledil, Inc. C11773 Datasheet HTML 2Page - Ledil, Inc. C11773 Datasheet HTML 3Page - Ledil, Inc. C11773 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C11773_VENLA-S
VENLA-S
~13° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45 mm
Height
25 mm
Fastening
socket
Colour
metal
Box size
350 x 350 x 380 mm
Box weight
3.4 kg
Quantity in Box
225 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
VENLA-S
Reflector
PC
metal
lacquer
Last update: 21/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - C11773

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C11773 LEDIL-C11773 Datasheet
1Mb / 3P
Venla series
June 30th 2011 11:37
C11773 LEDIL-C11773_V01 Datasheet
1Mb / 3P
Venla series
June 30th 2011 11:37
C11773_VENLA-S-VEGA LEDIL-C11773_VENLA-S-VEGA Datasheet
1Mb / 3P
Venla series
June 30th 2011 11:37
More results

유사한 설명 - C11773

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA12038 LEDIL-FA12038 Datasheet
2Mb / 4P
~13째 spot beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
C12041 LEDIL-C12041 Datasheet
3Mb / 6P
~13째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
CA13629 LEDIL-CA13629 Datasheet
8Mb / 10P
~13째 diffused spot beam.
CA13631 LEDIL-CA13631 Datasheet
13Mb / 12P
~40째 x 13째 oval beam
CA13724 LEDIL-CA13724 Datasheet
5Mb / 15P
~13째 spot beam
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com