전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BVS-A-R002 데이터시트(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

부품명 BVS-A-R002
상세설명  PRECISION RESISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
홈페이지  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

BVS-A-R002 데이터시트(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  BVS-A-R002 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R002 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R002 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R002 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG BVS-A-R002 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 /5
ISA-WELD® // PrEcISIon rESIStorS
BVS // 3920
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow-, IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Tape and reel information
Specification
DIn En 60286-3
tape width
mm
16
reel size
inch
13
Parts per reel
pcs
3000
Packaging weight
g
474
Specification
Parameters
Test conditions
Specified values
temperature cycling
2000 cycles (-55 °c to +150 °c)
±0.5 %
Low temperature Storage and operation
-65 °c for 250 h
±0.1 %
resistance to Soldering Heat
260 °c for 10 sec / 8h steam aging
n.a.
Moisture resistance
MIL-StD-202 method 106
±0.1 %
Mechanical Shock
100 g, 6 ms half sine
±0.2 %
Vibration, High Frequency
10 g, 10-2000 Hz, 24 h each axis
±0.2 %
operational Life
2000 h, tK max at rated power
±1.0 %, tK = 130 °c
High temperature Exposure
2000 h / 170 °c
±1.0 % (in covered condition)*
Bias Humidity
+85 °c, 85 r.F., 1000 h
±0.5 %
* for MAnGAnIn® and ZErAnIn®30
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm]
Type
L
W
H
A
BVS
10.0 +0.3
5.2 +0.3/-0.2 0.5 ±0.1
2.0 -0.5
Solder pad type l
w
a
BVS
11.0
6.2
2.7



Html Pages

1 2 3 4 5