전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICL7621 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 ICL7621
상세설명  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7621 데이터시트(HTML) 5 Page - Renesas Technology Corp

  ICL7621 Datasheet HTML 1Page - Renesas Technology Corp ICL7621 Datasheet HTML 2Page - Renesas Technology Corp ICL7621 Datasheet HTML 3Page - Renesas Technology Corp ICL7621 Datasheet HTML 4Page - Renesas Technology Corp ICL7621 Datasheet HTML 5Page - Renesas Technology Corp ICL7621 Datasheet HTML 6Page - Renesas Technology Corp ICL7621 Datasheet HTML 7Page - Renesas Technology Corp ICL7621 Datasheet HTML 8Page - Renesas Technology Corp ICL7621 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICL7621
FN3403 Rev.5.00
Page 5 of 9
Mar 4, 2010
FIGURE 5. AVERAGING AC TO DC CONVERTER FOR A/D
CONVERTERS SUCH AS ICL7106, ICL7107,
ICL7109, ICL7116, ICL7117
FIGURE 6. BURN-IN AND LIFE TEST CIRCUIT
FIGURE 7. FIFTH ORDER CHEBYCHEV MULTIPLE FEEDBACK LOW PASS FILTER
10µF
1/2
+
-
20k
VIN
20k
VOH
VOL
1M
2.2M
COMMON
10k
0.5µF
1.8k = 5%
SCALE
ADJUST
TO
SUCCEEDING
INPUT
STAGE
+
-
ICL7621
1/2
ICL7621
+
- V-
OUT
V+
V+
-8V
+8V
TA = +125°C
+
-
+
-
INPUT
30k
160k
0.2µF
0.2µF
0.2µF
0.2µF
0.1µF
0.1µF
51k
100k
680k
360k
360k
1M
1M
OUTPUT
1/2
ICL7621
1/2
ICL7621
NOTE 7
NOTE 7
NOTES:
7. Small capacitors (25pF to 50pF) may be needed for stability in some cases.
8. The low bias currents permit high resistance and low capacitance values to be used to achieve low frequency cutoff. fC = 10Hz, AVCL = 4,
Passband ripple = 0.1dB.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com