전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DPG60B600LB 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 DPG60B600LB
상세설명  High Performance Fast Recovery Diode Low Loss and Soft Recovery 1~ Rectifier Bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG60B600LB 데이터시트(HTML) 1 Page - IXYS Corporation

  DPG60B600LB Datasheet HTML 1Page - IXYS Corporation DPG60B600LB Datasheet HTML 2Page - IXYS Corporation DPG60B600LB Datasheet HTML 3Page - IXYS Corporation DPG60B600LB Datasheet HTML 4Page - IXYS Corporation DPG60B600LB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DPG60B600LB
Low Loss and Soft Recovery
High Performance Fast Recovery Diode
1~ Rectifier Bridge
HiPerFRED
6
9
1
7
5
4
2
3
8 = n/c
Part number
DPG60B600LB
Backside: isolated
DAV
rr
t
ns
40
RRM
60
600
=
V
=
V
I
=
A
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Rectifiers in switch mode power
supplies (SMPS)
SMPD
● Industry convenient outline
● RoHS compliant
● Epoxy meets UL 94V-0
● Soldering pins for PCB mounting
● Backside: DCB ceramic
● Reduced weight
● Advanced power cycling
● Isolation Voltage:
V~
3000
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20140108a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2014 IXYS all rights reserved


유사한 부품 번호 - DPG60B600LB

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
DPG60C200HB ISC-DPG60C200HB Datasheet
311Kb / 2P
Ultra fast Rectifier
logo
IXYS Corporation
DPG60C200HB IXYS-DPG60C200HB Datasheet
142Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG60C200QB IXYS-DPG60C200QB Datasheet
148Kb / 5P
High Performance Fast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C200QB ISC-DPG60C200QB Datasheet
276Kb / 2P
Fast Recovery Diode
logo
IXYS Corporation
DPG60C300HB IXYS-DPG60C300HB Datasheet
131Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
More results

유사한 설명 - DPG60B600LB

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
DPF60IM400HB IXYS-DPF60IM400HB Datasheet
272Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG20C200PN IXYS-DPG20C200PN Datasheet
135Kb / 4P
HiPerFRED2 High Performance Fast Recovery Diode Low Loss and Soft Recovery
DPG10I200PA IXYS-DPG10I200PA Datasheet
133Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG60U1200LB IXYS-DHG60U1200LB Datasheet
302Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery 3~ Rectifier Bridge
DSEP6-06BS IXYS-DSEP6-06BS Datasheet
107Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG5I600PA IXYS-DHG5I600PA Datasheet
106Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1200PA IXYS-DHG10I1200PA Datasheet
111Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1800PA IXYS-DHG10I1800PA Datasheet
291Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG20I1200HA IXYS-DHG20I1200HA Datasheet
107Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I300PA IXYS-DPG30I300PA Datasheet
137Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com