전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6014 데이터시트(PDF) 46 Page - Microchip Technology

부품명 DSPIC30F6014
상세설명  High Performance Digital Signal Controllers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 데이터시트(HTML) 46 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 42Page - Microchip Technology DSPIC30F6014 Datasheet HTML 43Page - Microchip Technology DSPIC30F6014 Datasheet HTML 44Page - Microchip Technology DSPIC30F6014 Datasheet HTML 45Page - Microchip Technology DSPIC30F6014 Datasheet HTML 46Page - Microchip Technology DSPIC30F6014 Datasheet HTML 47Page - Microchip Technology DSPIC30F6014 Datasheet HTML 48Page - Microchip Technology DSPIC30F6014 Datasheet HTML 49Page - Microchip Technology DSPIC30F6014 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 222 page
background image
dsPIC30F6011/6012/6013/6014
DS70117C-page 44
Preliminary
 2004 Microchip Technology Inc.
5.1
Interrupt Priority
The user assignable interrupt priority (IP<2:0>) bits for
each individual interrupt source are located in the LS
3 bits of each nibble within the IPCx register(s). Bit 3 of
each nibble is not used and is read as a ‘0’. These bits
define the priority level assigned to a particular interrupt
by the user.
Natural Order Priority is determined by the position of
an interrupt in the vector table, and only affects
interrupt operation when multiple interrupts with the
same user-assigned priority become pending at the
same time.
Table 5-1 lists the interrupt numbers and interrupt
sources for the dsPIC device and their associated
vector numbers.
The ability for the user to assign every interrupt to one
of seven priority levels implies that the user can assign
a very high overall priority level to an interrupt with a
low natural order priority. For example, the PLVD (Low
Voltage Detect) can be given a priority of 7. The INT0
(External Interrupt 0) may be assigned to priority level
1, thus giving it a very low effective priority.
TABLE 5-1:
INTERRUPT VECTOR TABLE
Note:
The user selectable priority levels start at
0 as the lowest priority and level 7 as the
highest priority.
Note 1: The natural order priority scheme has 0
as the highest priority and 53 as the
lowest priority.
2: The natural order priority number is the
same as the INT number.
INT
Number
Vector
Number
Interrupt Source
Highest Natural Order Priority
0
8
INT0 - External Interrupt 0
1
9
IC1 - Input Capture 1
2
10
OC1 - Output Compare 1
3
11
T1 - Timer 1
4
12
IC2 - Input Capture 2
5
13
OC2 - Output Compare 2
6
14
T2 - Timer 2
7
15
T3 - Timer 3
816
SPI1
9
17
U1RX - UART1 Receiver
10
18
U1TX - UART1 Transmitter
11
19
ADC - ADC Convert Done
12
20
NVM - NVM Write Complete
13
21
SI2C - I2C Slave Interrupt
14
22
MI2C - I2C Master Interrupt
15
23
Input Change Interrupt
16
24
INT1 - External Interrupt 1
17
25
IC7 - Input Capture 7
18
26
IC8 - Input Capture 8
19
27
OC3 - Output Compare 3
20
28
OC4 - Output Compare 4
21
29
T4 - Timer 4
22
30
T5 - Timer 5
23
31
INT2 - External Interrupt 2
24
32
U2RX - UART2 Receiver
25
33
U2TX - UART2 Transmitter
26
34
SPI2
27
35
C1 - Combined IRQ for CAN1
28
36
IC3 - Input Capture 3
29
37
IC4 - Input Capture 4
30
38
IC5 - Input Capture 5
31
39
IC6 - Input Capture 6
32
40
OC5 - Output Compare 5
33
41
OC6 - Output Compare 6
34
42
OC7 - Output Compare 7
35
43
OC8 - Output Compare 8
36
44
INT3 - External Interrupt 3
37
45
INT4 - External Interrupt 4
38
46
C2 - Combined IRQ for CAN2
39-40
47-48
Reserved
41
49
DCI - Codec Transfer Done
42
50
LVD - Low Voltage Detect
43-53
51-61
Reserved
Lowest Natural Order Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com