전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFP196WN 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BFP196WN
상세설명  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BFP196WN Datasheet HTML 1Page - Infineon Technologies AG BFP196WN Datasheet HTML 2Page - Infineon Technologies AG BFP196WN Datasheet HTML 3Page - Infineon Technologies AG BFP196WN Datasheet HTML 4Page - Infineon Technologies AG BFP196WN Datasheet HTML 5Page - Infineon Technologies AG BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2
Thermal characteristics
Table 2
Thermal resistance
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Junction - soldering point
RthJS
–
115
–
K/W
1)
Figure 1
Absolute maximum power dissipation Ptot vs. Ts
Note:
In the horizontal part of the above curve the junction temperature TJ is lower than TJ,max. In the
declining slope it is TJ = TJ,max. Ptot has to be reduced according to the curve in order not to exceed
TJ,max. It is TJ,max = TS + Ptot * RTHJS.
1
For the definition of RthJS please refer to the application note AN077
BFP196WN
Low noise silicon bipolar RF transistor
Thermal characteristics
Preliminary datasheet
4
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19