전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8213 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8213
상세설명  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8213 데이터시트(HTML) 5 Page - Analog Devices

  AD8213 Datasheet HTML 1Page - Analog Devices AD8213 Datasheet HTML 2Page - Analog Devices AD8213 Datasheet HTML 3Page - Analog Devices AD8213 Datasheet HTML 4Page - Analog Devices AD8213 Datasheet HTML 5Page - Analog Devices AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
AD8213
Rev. D | Page 5 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
10
9
38
47
5
6
Figure 2. Metallization Diagram
–IN2 1
+IN2 2
GND 3
OUT2 4
CF2 5
–IN1
10
+IN1
9
V+
8
OUT1
7
CF1
6
AD8213
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
Description
1
−IN2
−401
+677
Inverting Input of the Second Channel.
2
+IN2
−401
+510
Noninverting Input of the Second Channel.
3
GND
−401
−53
Ground.
4
OUT2
−394
−500
Output of the Second Channel.
5
CF2
−448
−768
Low-Pass Filter Pin for the Second Channel.
6
CF1
+448
−768
Low-Pass Filter Pin for the First Channel.
7
OUT1
+394
−500
Output of the First Channel.
8
V+
+401
−61
Supply.
9
+IN1
+401
+510
Noninverting Input of the First Channel.
10
−IN1
+401
+677
Inverting Input of the First Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14