전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC547LP3 데이터시트(PDF) 2 Page - Hittite Microwave Corporation

부품명 HMC547LP3
상세설명  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC547LP3 데이터시트(HTML) 2 Page - Hittite Microwave Corporation

  HMC547LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC547LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC547LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC547LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC547LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC547LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
14
14 - 287
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC547LP3
Isolation Between Ports RFC and RF1/RF2
Insertion Loss
Return Loss
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 20.0 GHz
v00.0305
Isolation Between Ports RF1 and RF2
Input P1dB and P0.1dB
Compression Point
Input Third Order Intercept Point
-5
-4
-3
-2
-1
0
0
5
10
15
20
25
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
RF2 PATH ON
RF1 PATH ON
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
RF1
RF2
FREQUENCY (GHz)
25
30
35
40
45
50
55
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
P1dB
P0.1dB
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
RFC
RF1,RF2 ON
RF1,RF2 OFF
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com