| 전자부품 데이터시트 검색엔진 |
|
LM641521 데이터시트(PDF) 1 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LM641521 데이터시트(HTML) 1 Page - Sharp Corporation |
|
1 / 20 page ![]() SPEC No. 1 1. Application This data sheet is to introduce the specification of LM641521, Passive Matrix type LCD Unit. 2. Construction and Outline Construction: 640X480 dots display unit consisting of an LCD panel, PWB (printed wiring board) with electric components mounted onto, tab (tape automated bonding) to coaaect the LCD panel and PWB electrically, and plastic cabinets to fix them mechanically. LCD (with Anti-glare treatment. Pencil hardness more than 3H.) PLASTIC CABINET Outline : See lit 8 Connect ioa : See Fig. 8 and Table 8 |
유사한 부품 번호 - LM641521 |
|
유사한 설명 - LM641521 |