전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX837EUS 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 MAX837EUS
상세설명  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX837EUS 데이터시트(HTML) 2 Page - Maxim Integrated Products

  MAX837EUS Datasheet HTML 1Page - Maxim Integrated Products MAX837EUS Datasheet HTML 2Page - Maxim Integrated Products MAX837EUS Datasheet HTML 3Page - Maxim Integrated Products MAX837EUS Datasheet HTML 4Page - Maxim Integrated Products MAX837EUS Datasheet HTML 5Page - Maxim Integrated Products MAX837EUS Datasheet HTML 6Page - Maxim Integrated Products MAX837EUS Datasheet HTML 7Page - Maxim Integrated Products MAX837EUS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX837 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
......Attachments
I. Device Description
A. General
The MAX837 micropower voltage monitor contains a 1.204V precision bandgap reference and a comparator in a
SOT143 package. The MAX837 has a push-pull output driver. Two external resistors set the trip threshold voltage.
B. Absolute Maximum Ratings
Item
Rating
IN, OUT to GND
-0.3V to (VCC + 0.3V)
Input Current
VCC
20mA
IN
10mA
Output Current, OUT
20mA
Rate of Rise, VCC
100V/µs
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temp. (10 sec.)
+300
°C
Power Dissipation
4-Lead SOT143
320mW
Derates above +70
°C
4-Lead SOT143
4.00mW/
°C



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com