전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB-001LEVALZ 데이터시트(PDF) 23 Page - Renesas Technology Corp

부품명 KMB-001LEVALZ
상세설명  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ 데이터시트(HTML) 23 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 23 of 34
June 27, 2012
FIGURE 35. SYNCHRONOUS RESET OPERATION
s1
s2
s0
s3
s1
s2
s0
s3
CLKDIVRSTP
ADC1 OUTPUT DATA
ADC1 CLKOUTP
ADC2 CLKOUTP
(phase 1)
ADC2 CLKOUTP
(phase 2)
s1
L+td
tRSTH
tRSTS
tRSTRT
ADC2 OUTPUT DATA
ANALOG INPUT
SAMPLE CLOCK
INPUT
(CLKDIV=2)
NOTES:
15. Delay equals fixed pipeline latency (L cycles) plus fixed analog propagation delay td.
16. CLKDIVRSTP setup and hold times are with respect to input sample clock rising edge.
CLKDIVRSTN is not shown, but must be driven, and is the compliment of CLKDIVRSTP.
17. Either Output Clock Phase (phase 1 or phase 2 ) equally likely prior to synchronization.
(Note 17)
(Note 16)
(Note 16)
(Note 15)
FIGURE 36. MSB-FIRST ADDRESSING
CSB
SCLK
SDIO
R/W
W1
W0
A12
A11
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
A10
FIGURE 37. LSB-FIRST ADDRESSING
CSB
SCLK
SDIO
R/W
W1
W0
A12
A11
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34